Part Number Hot Search : 
ELM382 MN150837 1117Y C12VS 3C731 145HSET EPD1024G BAV19
Product Description
Full Text Search
 

To Download QSE-020-01-H-D-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (0,80 mm) .0315" qse series qse?060?01?f?d?a qse?028?01?f?d?dp?a qse?020?01?l?d?a blade & beam design integral metal plane for power or ground www.samtec.com application specific option ? 14 mm, 15 mm, 22 mm and 30 mm stack height (caution: some automatic placement/inspection machines may have component height restrictions. please consult machinery speci? cations.) ? 30" (0,76 m) gold (specify -h plating for data rate cable mating applications.) ? edge mount ? 56 (-dp), 80, 100 positions per row ? guide posts and friction lock options . ? retention option call samtec. f-213 *note: ?c plating passes 10 year mfg testing note: some lengths, styles and options are non-standard, non-returnable. specifications board mates: qte cable mates: eqcd, eqsd, eqdp, eqrf (see application speci? c note) qse pins per row no. of pairs plating option ?020, ?040, ?060 (40 total pins per bank = ?d) ?014, ?028, ?042 (14 pairs per bank = ?d?dp) ?d = single- ended ?d?dp = differential pair (?01 only) type a other option 01 (0,64) .025 (20,00) .7875 ?d = (no. of positions per row/20) x (20,00) .7875 + (1,27) .050 ?d?dp = (no. of positions per row/14) x (20,00) .7875 + (1,27) .050 01 02 (7,49) .295 (0,15) .006 (0,80) .0315 (3,25) .128 (3,05) .120 (0,76) .030 (7,24) .285 (0,89) .035 dia ?l ?k = (8,25 mm) .325" dia polyimide film pick & place pad ?tr = tape & reel packaging (n/a on 56 & 80 positions) ?l = latching option (n/a on 42, 56, 60 & 80 positions) ?f = gold flash on signal pins and ground plane , matte tin on tails ?l = 10" (0,25 m) gold on signal pins and ground plane, matte tin on tails ?c* = electro-polished selective 50" (1,27 m) min au over 150" (3,81 m) ni on signal pins in contact area, 10" (0,25 m) min au over 50" (1,27 m) ni on ground plane in contact area, matte tin over 50" (1,27 m) min ni on all solder tails ? extended life product 10 year mixed flowing gas with 50" gold tm call samtec for maximum cycles mated with qte high speed ground plane socket qte lead style mated height with qse* ?01 (5,00) .197 ?02 (8,00) .315 ?03 (11,00) .433 ?04 (16,00) .630 ?05 (19,00) .748 ?07 (25,00) .984 *processing conditions will affect mated height. qte/qse 5 mm stack height type rated @ 3db insertion loss with pcb effects* w/o pcb effects** single-ended signaling ?d 9 ghz / 18 gbps 9 ghz / 18 gbps differential pair signaling ?d 8 ghz / 16 gbps 14 ghz / 28 gbps differential pair signaling ?dp 8.5 ghz / 17 gbps 13.5 ghz / 27 gbps *performance data includes effects of a non-optimized pcb. **test board losses de-embedded from performance data. performance data for other stack heights and complete test data available at www.samtec.com?qse or contact sig@samtec.com f i n a l i n c h . c o m ? for complete speci? cations and recommended pcb layouts see www.samtec.com?qse insulator material: liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50" (1,27 m) ni current rating: contacts: 1.3a per contact @ 95c ground plane: 10.1a per ground plane @ 95c operating temp range: -55c to +125c voltage rating: 225 vac (5 mm stack height) max cycles: 100 rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,10 mm) .004" max (020-060) board stacking: for applications requiring more than two connectors per board contact ipg@samtec.com 100 gbe xaui pci express ? sata mgt (rocket i/o) infiniband ? download app notes at www.samtec.com/appnote contact sig @ samtec.com for questions on protocols protocols supported also available board spacing standoffs. see so series.


▲Up To Search▲   

 
Price & Availability of QSE-020-01-H-D-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X